Part Number Hot Search : 
1020C 2417K4A C3051 MGFS45V 2CLG15KV 22810 TL431AP LM317L
Product Description
Full Text Search
 

To Download B4B-EH-TV4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1  ?  njo   y  njo    ?  njo   y  njo    ?  njo  njo       this, the thinnest, 2.5mm pitch connector, is 8.1mm in height after mounting and 3.8mm in width. it is designed to meet the demand for the high-density connection of internal wires to printed circuit boards. it is compact, highly reliable and low in cost. eh connector 2.5mm pitch/disconnectable crimp style connectors radial tape ?compact and slim ?highly reliable contact ?polarizing guides ?easy and effective crimping specifications ?current rating: 3a ac, dc (awg #22) ?voltage rating: 250v ac, dc ?temperature range: -25?c to +85?c (including temperature rise in applying electrical current) ?contact resistance: initial value/10m ? max. after environmental testing/20m ? max. ?insulation resistance: 1,000m ? min. ?withstanding voltage: 800v ac/minute ?applicable wire: awg #32 to #22 ?applicable pc board thickness: 0.8 to 1.6mm * compliant with rohs. * refer to "general instruction and notice when using terminals and connectors" at the end of this catalog. * contact jst for details. standards 0 recognized e60389 1 certified lr20812 2 r50082349 side entry type top entry type note: 1. tolerances are non-cumulative: 0.05mm for all centers. 2. hole dimension differ according to the kind of pc board and piercing method. if pc boards made of hard material are used, th e hole dimensions should be larger. the dimensions above should serve as a guideline. contact jst for details.       material and finish model no. applicable wire q'ty / reel nn  "8( insulation o.d. (mm) phosphor bronze, tin-plated (reflow treatment) seh-001t-p0.6 *seh-001t-p0.6l *seh-002t-p0.6l *seh-003t-p0.6l ? ? ? ? ? ? ? ? ? ? ? ?     rohs compliance note: 1. contact jst for gold-plated products. 2. seh-00( )t-p0.6l is low-insertion force type contact, for easier insertion/withdrawal, which would be less resistant to the vibration. the crimp height is different from the standard contact. 3. *marked products are not t?v approved. 4. contact jst for details. radial-tape $poubdu $sjnqbqqmjdbups %jft $sjnqbqqmjdbupsxjuiejft "qqmjdbups seh-001t-p0.6 "1,/ .,4-4~.,4- .,44$ .,4&) 4$4&) seh-001t-p0.6l .,4-4~.,4- .,44$ .,4&)- 4$4&)- "1-.,4&) "1-4$4&) "1-.,4&)- "1-4$4&)- note: *strip-crimp applicator $poubdu $sjnqbqqmjdbups %jft $sjnqbqqmjdbupsxjuiejft "qqmjdbups seh-002t-p0.6l "1,/ .,4-4~.,4-  .,4&)-  seh-003t-p0.6l .,4- .,44$ .,4&)- 4$4&)- "1-.,4&)-  "1-.,4&)- "1-4$4&)- contact $sjnqjoh nbdijof $sjnqjoh nbdijof pc board layout (viewed from soldering side) and assembly layout 2 345 h jst
model no. q'ty / box circuits dimensions (mm) top entry type side entry type ab top entry type material and finish 2 3 4 5 6 7 8 9 10 11 12 13 14 15 b2b-eh-a b3b-eh-a b4b-eh-a b5b-eh-a b6b-eh-a b7b-eh-a b8b-eh-a b9b-eh-a b10b-eh-a b11b-eh-a b12b-eh-a b13b-eh-a b14b-eh-a b15b-eh-a 2.5 5.0 7.5 10.0 12.5 15.0 17.5 20.0 22.5 25.0 27.5 30.0 32.5 35.0 1,000 1,000 1,000 1,000 1,000 1,000 500 500 500 500 500 250 250 250 s2b-eh s3b-eh s4b-eh s5b-eh s6b-eh s7b-eh s8b-eh s9b-eh s10b-eh s11b-eh s12b-eh s13b-eh s14b-eh s15b-eh 7.5 10.0 12.5 15.0 17.5 20.0 22.5 25.0 27.5 30.0 32.5 35.0 37.5 40.0 post: brass, copper-undercoated, tin-plated (reflow treatment) wafer: pa 66, ul94v-0, natural (white) side entry type 1,000 1,000 1,000 1,000 500 500 500 500 500 250 250 250 250 250 top entry type 2 eh connector circuits model no. dimensions (mm) q'ty / bag "# material pa 66, ul94v-0, natural (white)               ehr-2 ehr-3 ehr-4 ehr-5 ehr-6 ehr-7 ehr-8 ehr-9 ehr-10 ehr-11 ehr-12 ehr-13 ehr-14 ehr-15                                                          circuit no.1  " # )+45       rohs compliance as the color identification, the following alphabet shall be put in the underlined part. for availability, delivery and minimum order quantity, contact jst. ex. ehr-2-oo - (blank)?atural (white) k?lack r?ed tr?omato red e?lue y?ellow l?emon yellow m?reen o?range n?rown pl?urple pk?ink h?ray le?ight blue fy?ivid yellow housing shrouded header the shrouded headers are interchangeable with those of the hr crimp style and insulation displacement connectors. (2 circuits) (3 to 15 circuits) rohs compliance this product displays (lf)(sn) on a label. note: also available and identified as model bxxb-eh is a top entry type having a post extension length of 4.0mm as the color identification, the following alphabet shall be put in the underlined part. for availability, delivery and minimum order quantity, contact jst. ex. b2b-eh-a-oo - (blank)?atural (white) k?lack r?ed e?lue y?ellow m?reen ex. s2b-eh-oo - (blank)?atural (white) k?lack r?ed tr?omato red e?lue y?ellow l?emon yellow m?reen o?range n?rown p?urple pk?ink h?ray le?ight blue fy?ivid yellow side entry type       # "    circuit no.1   "     #  circuit no.1    " #        circuit no.1
3 circuits model no. dimensions (mm) "# material and finish pin/post: brass, copper-undercoated, tin-plated (reflow treatment) wafer: pa 66, ul94v-0, natural (white)        54uzqf 57uzqf b2b-eh-ts b3b-eh-ts b4b-eh-ts b5b-eh-ts b6b-eh-ts b7b-eh-ts b8b-eh-ts  b3b-eh-tv4 B4B-EH-TV4 b5b-eh-tv4 b6b-eh-tv4 b7b-eh-tv4 b8b-eh-tv4                        q'ty / box eh connector            " #            " #                2 and 3 circuits: 12.7 4up 8 circuits: 25.4 2 circuits: 5.1 3up 8 circuits: 3.85 2 circuits: 2.5 3up 8 circuits: 5.0 (3 to 8 circuits) (2 circuits) ? ts type ? tv4 type rohs compliance this product displays (lf)(sn) on a label. as the color identification, the following alphabet shall be put in the underlined part. for availability, delivery and minimum order quantity, contact jst. ex. b2b-eh-ts-oo - (blank)?atural (white) k?lack r?ed e?lue y?ellow m?reen n?rown note: conforms to jic c 0806 of "tape packaging of components with unidirectional leads on continuous tapes". shrouded header on radial-tape packaging specifications taping specifications terminals & connectors r %  8 leader tape tail tape 'mbuqbdl [jh[bhgpmefe
 joefyjohipmftqfsgpme nn
  ,
 
 
nn nn  qdtcpy qdtcpy  djsdvjut ?djsdvjut 1bdlbhfuzqf %jtubodfcfuxffogpmet #pytj[f %jtubodfcfuxffouiffoepguifubqfboe uifgjstudpoofdupstdfoufsmjof fjuifsfoe
2vboujuz distance between the end of the tape and the first connector's center line (either end) note: products of different packaging specifications are also available. contact jst for details.


▲Up To Search▲   

 
Price & Availability of B4B-EH-TV4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X